Part Number Hot Search : 
MPG06K LTC2974 OPI120XV CN303 MC13142D SW121340 128L0 M5M29GB
Product Description
Full Text Search
 

To Download 312035P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Glass Body
RoHS
Pb
3AG Fast-Acting Type 312P/318P Series
UL (R)
(R)
A standard for cost-effective reliability and performance in circuit protection, the 3AG fuse satisfies a broad range of application requirements.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 135% 200% Ampere Rating 1/32-35 1/32-35 1/32-10 12-30 35 Opening Time 4 hours, Minimum 1 hour, Maximum 5 sec., Maximum 10 sec., Maximum 20 sec., Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA through 30 amperes. 1/100-10 amperes listed to UL 248-14 (UL 198-G) 12-30 amperes listed to UL 275. AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
312 000P Series
6.985 (.275") 6.35 (.25") 31.75 (1.25")
318 000P Series
0.813 (.032")
INTERUPTING RATING:
10,000A @ 125VAC 35A @ 250VAC
ORDERING INFORMATION:
Cartridge Catalog Number 312.031P 312.062P 312.100P 312.125P 312.150P 312.175P 312.187P 312.200P 312.250P 312.300P 312.375P 312.500P 312.600P 312.750P 312 001P 312 1.25P 312 01.5P 312 01.6P 312 1.75P 312 01.8P 312 002P 312 2.25P 312 02.5P 312 003P 312 004P 312 005P 312 006P 312 007P 312 008P 312 010P 312 012P 312 015P 312 020P 312 025P 312 030P 312 035P Axial Lead Catalog Number 318.031P 318.062P 318.100P 318.125P 318.150P 318.175P 318.187P 318.200P 318.250P 318.300P 318.375P 318.500P 318.600P 318.750P 318 001P 318 1.25P 318 01.5P 318 01.6P 318 1.75P 318 01.8P 318 002P 318 2.25P 318 02.5P 318 003P 318 004P 318 005P 318 006P 318 007P 318 008P 318 010P -- -- -- -- -- -- Nominal Resistance Cold Ohms 23.3 24.5 11.2 7.10 5.10 3.85 3.40 3.00 2.00 1.40 0.820 0.495 0.360 0.243 0.189 0.138 0.103 0.0930 0.0850 0.0820 0.0700 0.0590 0.0510 0.0424 0.0291 0.0223 0.0177 0.0145 0.0121 0.00925 0.0071 0.0052 0.0034 0.0024 0.0019 0.0013 Nominal Melting I 2 t A2 Sec. 0.0000300 0.000249 0.00102 0.00289 0.00550 0.00960 0.0128 0.0165 0.0355 0.0689 0.185 0.483 0.880 1.84 0.760 1.45 2.35 2.80 3.60 3.85 5.20 7.20 9.54 14.0 28.5 50.0 81.1 118.0 166.0 298.0 -- -- -- -- -- --
38.1 (1.50") TYP. Axial Lead Material: Tin coated copper.
32.385 (1.275")
Ampere Rating 1/32 1/16 1/10 1/8 15/100 .175 3/16 2/10 1/4 3/10 3/8 1/2 6/10 3/4 1 11/4 11/2 16/10 13/4 18/10 2 21/4 21/2 3 4 5 6 7 8 10 12 15 20 25 30 35
Voltage Rating 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 32 32 32 32 32 32
Average Time Current Curves
.031 A
.062 A
.125 A
1000
100
TIME IN SECONDS
10
1
0.1
0.01 0.005 0.01
.250 A .375 A .500 A .750 A 1A 1.5 A 2A 2.5 A 3A 4A 5A 6A 7A 8A 10 A
1 0.1 CURRENT IN AMPERES
10
100
402
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 312035P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X